PART |
Description |
Maker |
102-051 |
PEEK Tubular Braid
|
Glenair
|
2024D-8 1309Z-12 1309Z-14 1309Z-16 1250B-1 1250B-1 |
BRASS, GOLD FINISH, PCB TERMINAL BRASS, NICKEL FINISH, PCB TERMINAL BRASS, BLACK OXIDE FINISH, PCB TERMINAL BRASS, SILVER FINISH, PCB TERMINAL BRASS, CADMIUM FINISH, PCB TERMINAL BRASS, PCB TERMINAL
|
WINCHESTER ELECTRONICS CORP
|
19127-0086 19095-0138 19127-0044 19127-0090 19127- |
CONN FLANGED SPADE #8 10-12AWG 6 mm2, BRASS, WIRE TERMINAL BB-886-08 Flanged Spade Avikrimp 2 mm2, BRASS, WIRE TERMINAL FLANGED SPADE AVIKRIMP TAPED (BB-816-08T 2 mm2, BRASS, WIRE TERMINAL 191270090 6 mm2, BRASS, WIRE TERMINAL CONN FLANGED SPADE #6 14-16AWG 2 mm2, BRASS, WIRE TERMINAL FLANGED SPADE VERSAKRIMP (BB-316-08) 2 mm2, BRASS, WIRE TERMINAL
|
Molex, Inc. KEMET Corporation
|
710-372M20 710-101M20 710-100M20 710-100NF12D 710- |
Metal Bulkhead Adapters & Feed-Throughs for Conduit CONNECTOR ACCESSORY ALUMINUM, CIRCULAR ADAPTER STEEL, CIRCULAR ADAPTER BRASS, CIRCULAR ADAPTER
|
Glenair, Inc. GLENAIR INC
|
4401B-45 4401A-55 4401C-11 4401C-112 4437C-14 |
BRASS, TIN LEAD FINISH, PCB TERMINAL BRASS, TIN FINISH, PCB TERMINAL BRASS, CADMIUM FINISH, PCB TERMINAL BRASS, BLACK OXIDE FINISH, PCB TERMINAL
|
WINCHESTER ELECTRONICS CORP
|
08-03-0303 |
Crimp Socket Contact; Wire Size (AWG):24-18; Contact Material:Brass RoHS Compliant: Yes BRASS, TIN LEAD FINISH, WIRE TERMINAL
|
Molex, Inc.
|
SOV105A058-150 SOVE105A058-150 SVE105Z110-140 S105 |
15 CONTACT(S), BRASS, MALE, CIRCULAR CONNECTOR, CRIMP, PLUG 16 CONTACT(S), BRASS, FEMALE, CIRCULAR CONNECTOR, SOLDER, PLUG 16 CONTACT(S), BRASS, MALE, CIRCULAR CONNECTOR, SOLDER, RECEPTACLE 27 CONTACT(S), BRASS, NICKEL PLATED, FEMALE-FEMALE, CIRCULAR ADAPTER
|
爱普科斯(中国)投资有限公司
|
4444B-10 4475B-1 4455A-4 4475A-4 WINCHESTERELECTRO |
BRASS, GOLD FINISH, PCB TERMINAL BRASS, SILVER FINISH, PCB TERMINAL BRASS, TIN LEAD FINISH, PCB TERMINAL
|
WINCHESTER ELECTRONICS CORP
|
0259-0-00-15-00-00-03-0 0259-0-00-01-00-00-03-0 02 |
PRINTED CIRCUIT PINS BRASS, GOLD (10) OVER NICKEL FINISH, PCB TERMINAL BRASS, GOLD (50) OVER NICKEL FINISH, PCB TERMINAL BRASS, TIN LEAD (200) OVER NICKEL FINISH, PCB TERMINAL
|
Mill-Max Mfg. Corp. MILL-MAX MFG CORP
|
EEUEBXXX EEUEB1A101 EEUEB1A101S EEUEB1A221 EEUEB1A |
Aluminum Electronic Capacitor Aluminum Electrolytic Capacitor/EB CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 450 V, 33 uF, THROUGH HOLE MOUNT Aluminum Electrolytic Capacitor/EB CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 200 V, 33 uF, THROUGH HOLE MOUNT Aluminum Electrolytic Capacitor/EB CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 400 V, 33 uF, THROUGH HOLE MOUNT Aluminum Electrolytic Capacitor/EB CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 250 V, 33 uF, THROUGH HOLE MOUNT Aluminum Electrolytic Capacitor/EB CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 10 V, 220 uF, THROUGH HOLE MOUNT Aluminum Electrolytic Capacitor/EB CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 10 V, 100 uF, THROUGH HOLE MOUNT Aluminum Electrolytic Capacitor/EB CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 63 V, 3.3 uF, THROUGH HOLE MOUNT Aluminum Electrolytic Capacitor/EB CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 35 V, 1000 uF, THROUGH HOLE MOUNT KJL 79C 79#22 PIN RECP CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 50 V, 4.7 uF, THROUGH HOLE MOUNT Aluminum Electrolytic Capacitor/EB CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 16 V, 1000 uF, THROUGH HOLE MOUNT Aluminum Electrolytic Capacitor/EB CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 25 V, 1000 uF, THROUGH HOLE MOUNT
|
Panasonic, Corp. Panasonic Corporation PANASONIC[Panasonic Semiconductor]
|
2109-1-00-01-00-00-07-0 2113-3-00-01-00-00-07-0 21 |
BRASS, TIN LEAD (200) OVER NICKEL FINISH, PCB TERMINAL BRASS, SILVER (300) OVER COPPER FINISH, PCB TERMINAL
|
MILL-MAX MFG CORP
|
|